Part Number Hot Search : 
ISL1209 C5006 AT87LV52 SMD075F 48S03 EW632 01D12 NTE4942
Product Description
Full Text Search
 

To Download JMK316BJ226ML-T501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTM4600 10A High Efficiency DC/DC Module FEATURES
n n n n n n n n n n n n n n
DESCRIPTION
The LTM(R)4600 is a complete 10A, DC/DC step down power supply. Included in the package are the switching controller, power FETs, inductor, and all support components. Operating over an input voltage range of 4.5V to 20V, the LTM4600 supports an output voltage range of 0.6V to 5V, set by a single resistor. This high efficiency design delivers 10A continuous current (14A peak), needing no heat sinks or airflow to meet power specifications. Only bulk input and output capacitors are needed to finish the design. The low profile package (2.8mm) enables utilization of unused space on the bottom of PC boards for high density point of load regulation. High switching frequency and an adaptive on-time current mode architecture enables a very fast transient response to line and load changes without sacrificing stability. Fault protection features include integrated overvoltage and short circuit protection with a defeatable shutdown timer. A built-in soft-start timer is adjustable with a small capacitor. The LTM4600 is packaged in a thermally enhanced, compact (15mm x 15mm) and low profile (2.8mm) over-molded Land Grid Array (LGA) package suitable for automated assembly by standard surface mount equipment. The LTM4600 is Pb-free and RoHS compliant.
Complete Switch Mode Power Supply Wide Input Voltage Range: 4.5V to 20V 10A DC, 14A Peak Output Current Parallel Two ModuleTM DC/DC Converters for 20A Output Current 0.6V to 5V Output Voltage 1.5% Output Voltage Regulation Ultrafast Transient Response Current Mode Control Pb-Free (e4) RoHS Compliant Package with GoldPad Finish Up to 92% Efficiency Programmable Soft-Start Output Overvoltage Protection Optional Short-Circuit Shutdown Timer Small Footprint, Low Profile (15mm x 15mm x 2.8mm) Surface Mount LGA Package
APPLICATIONS
n n n n
Telecom and Networking Equipment Servers Industrial Equipment Point of Load Regulation
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. Module is a trademark of Linear Technology Corporation. All other trademarks are the property of their respective owners. Protected by U.S. Patents including 5481178, 6100678, 6580258, 5847554, 6304066.
TYPICAL APPLICATION
100
Efficiency vs Load Current with 12VIN (FCB = 0)
90 80 EFFICIENCY (%) 70 60 50 40
4600 TA01a
10A Module Power Supply with 4.5V to 20V Input
VIN 4.5V TO 20V VIN CIN VOUT LTM4600 VOSET PGND SGND COUT VOUT 1.5V 10A
66.5k
30 20 0 2 4 6 LOAD CURRENT (A)
1.2VOUT 1.5VOUT 2.5VOUT 3.3VOUT 8 10
4600 TA01b
4600fc
1
LTM4600 ABSOLUTE MAXIMUM RATINGS
(Note 1)
PIN CONFIGURATION
fADJ SVIN EXTVCC VOSET COMP SGND RUN/SS FCB PGOOD PGND TOP VIEW
FCB, EXTVCC, PGOOD, RUN/SS, VOUT .......... -0.3V to 6V VIN, SVIN, fADJ ............................................ -0.3V to 20V VOSET, COMP ............................................. -0.3V to 2.7V Operating Temperature Range (Note 2).... -40C to 85C Junction Temperature ........................................... 125C Storage Temperature Range................... -55C to 125C
VIN
VOUT LGA PACKAGE 104-LEAD (15mm x 15mm x 2.8mm) TJMAX = 125C, JA = 15C/W, JC = 6C/W, JA DERIVED FROM 95mm x 76mm PCB WITH 4 LAYERS WEIGHT = 1.7g
ORDER INFORMATION
LEAD FREE FINISH LTM4600EV#PBF LTM4600IV#PBF PART MARKING LTM4600EV LTM4600IV PACKAGE DESCRIPTION 104-Lead (15mm x 15mm x 2.8mm) LGA 104-Lead (15mm x 15mm x 2.8mm) LGA TEMPERATURE RANGE -40C to 85C -40C to 85C
Consult LTC Marketing for parts specified with wider operating temperature ranges. Consult LTC Marketing for information on non-standard lead based finish parts. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
The l denotes the specifications which apply over the -40C to 85C temperature range, otherwise specifications are at TA = 25C, VIN = 12V. External CIN = 120F COUT = 200F/Ceramic per typical , application (front page) configuration.
SYMBOL VIN(DC) VOUT(DC) PARAMETER Input DC Voltage Output Voltage FCB = 0V VIN = 5V or 12V, VOUT = 1.5V, IOUT = 0A CONDITIONS
l
ELECTRICAL CHARACTERISTICS
MIN 4.5 1.478 1.470
TYP
MAX 20
UNITS V V V V A A mA mA mA mA A
4600fc
l
1.50 1.50 3.4 0.6 0.7 1.2 42 1.0 52 35
1.522 1.530 4
Input Specifications VIN(UVLO) IINRUSH(VIN) Under Voltage Lockout Threshold Input Inrush Current at Startup IOUT = 0A IOUT = 0A. VOUT = 1.5V, FCB = 0 VIN = 5V VIN = 12V IOUT = 0A, EXTVCC Open VIN = 12V, VOUT = 1.5V, FCB = 5V VIN = 12V, VOUT = 1.5V, FCB = 0V VIN = 5V, VOUT = 1.5V, FCB = 5V VIN = 5V, VOUT = 1.5V, FCB = 0V Shutdown, RUN = 0.8V, VIN = 12V
IQ(VIN)
Input Supply Bias Current
75
2
LTM4600 ELECTRICAL CHARACTERISTICS
SYMBOL IS(VIN) PARAMETER Input Supply Current
The l denotes the specifications which apply over the -40C to 85C temperature range, otherwise specifications are at TA = 25C, VIN = 12V. Per typical application (front page) configuration.
CONDITIONS VIN = 12V, VOUT = 1.5V, IOUT = 10A VIN = 12V, VOUT = 3.3V, IOUT = 10A VIN = 5V, VOUT = 1.5V, IOUT = 10A 0 MIN TYP 1.52 3.13 3.64 10 MAX UNITS A A A A
Output Specifications IOUTDC Output Continuous Current Range VIN = 12V, VOUT = 1.5V (See Output Current Derating Curves for Different VIN, VOUT and TA) Line Regulation Accuracy Load Regulation Accuracy VOUT = 1.5V, IOUT = 0A, FCB = 0V, VIN = 4.5V to 20V VOUT = 1.5V, IOUT = 0A to 10A, FCB = 0V VIN = 5V VIN = 12V (Notes 3, 4) VIN = 12V, VOUT = 1.5V, IOUT = 0A, FCB = 0V VOUT = 1.5V, IOUT = 5A, FCB = 0V VOUT = 1.5V, IOUT = 1A VIN = 12V VIN = 5V VOUT = 1.5V, Load Step: 0A/s to 5A/s COUT = 3 * 22F 6.3V, 470F 4V POSCAP , See Table 2 Load: 10% to 90% to 10% of Full Load Output Voltage in Foldback VIN = 12V, VOUT = 1.5V VIN = 5V, VOUT = 1.5V IOUT = 0A, VOUT = 1.5V
l l
VOUT(LINE) VOUT VOUT(LOAD) VOUT VOUT(AC) fs tSTART
0.15
0.3
%
l
1 1.5 10 850 0.5 0.7 36 15
% % mVP-P kHz ms ms mV
Output Ripple Voltage Output Ripple Voltage Frequency Turn-On Time
VOUTLS
Voltage Drop for Dynamic Load Step
tSETTLE IOUTPK
Settling Time for Dynamic Load Step Output Current Limit
25 14 14 0.591 0.594 0.8 -0.5 0.8 0.6 0.6 1.5 -1.2 1.8 100 16 100 0.57 0.6 -1 7.5 -7.5 10 -10 2 0.15 0.4 0.63 -2 12.5 -12.5 0.609 0.606 2 -3 3
s A A V V V A A mV mA k V A % % % V
Control Stage VOSET VRUN/SS IRUN(C)/SS IRUN(D)/SS VIN - SVIN IEXTVCC RFBHI VFCB IFCB PGOOD Output VOSETH VOSETL VOSET(HYS) VPGL PGOOD Upper Threshold PGOOD Lower Threshold PGOOD Hysteresis PGOOD Low Voltage VOSET Rising VOSET Falling VOSET Returning IPGOOD = 5mA Current into EXTVCC Pin Resistor Between VOUT and VOSET Pins Forced Continuous Threshold Forced Continuous Pin Current VFCB = 0.6V Voltage at VOSET Pin RUN ON/OFF Threshold Soft-Start Charging Current Soft-Start Discharging Current VRUN/SS = 0V VRUN/SS = 4V EXTVCC = 0V, FCB = 0V EXTVCC = 5V, FCB = 0V, VOUT = 1.5V, IOUT = 0A
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: The LTM4600E is guaranteed to meet performance specifications from 0C to 85C. Specifications over the -40C to 85C operating
temperature range are assured by design, characterization and correlation with statistical process controls. The LTM4600I is guaranteed over the -40C to 85C temperature range. Note 3: Test assumes current derating versus temperature. Note 4: Guaranteed by correlation.
4600fc
3
LTM4600 TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current with 5VIN (FCB = 0)
100 90 80 EFFICIENCY (%) EFFICIENCY (%) 70 60 50 40 30 0 2 6 4 LOAD CURRENT (A) 100 90 80 70 60 50 40 30 0.6VOUT 1.2VOUT 1.5VOUT 2.5VOUT 3.3VOUT 0 2 6 LOAD CURRENT (A) 4 8 10
4600 G02
(See Figure 18 for all curves) Efficiency vs Load Current with 18VIN (FCB = 0)
100 90 80 70 60 50 40 30 0 2 4 6 LOAD CURRENT (A) 8 10
4600 G03
Efficiency vs Load Current with 12VIN (FCB = 0)
EFFICIENCY (%)
0.6VOUT 1.2VOUT 1.5VOUT 2.5VOUT 8 10
4600 G01
1.5VOUT 1.8VOUT 2.5VOUT 3.3VOUT
Efficiency vs Load Current with Different FCB Settings
90 80 70 EFFICIENCY (%) 60 FCB = GND 50 40 30 20 0.1 VIN = 12V VOUT = 1.5V 1 LOAD CURRENT (A) 10
4600 G04
1.2V Transient Response
1.5V Transient Response
FCB > 0.7V VOUT = 50mV/DIV
IOUT = 5A/DIV
25s/DIV 1.2V AT 5A/s LOAD STEP COUT = 3 * 22F 6.3V CERAMICS 470F 4V SANYO POSCAP C3 = 100pF
4600 G05
25s/DIV 1.5V AT 5A/s LOAD STEP COUT = 3 * 22F 6.3V CERAMICS 470F 4V SANYO POSCAP C3 = 100pF
4600 G06
1.8V Transient Response
2.5V Transient Response
3.3V Transient Response
25s/DIV 1.8V AT 5A/s LOAD STEP COUT = 3 * 22F 6.3V CERAMICS 470F 4V SANYO POSCAP C3 = 100pF
4600 G07
25s/DIV 2.5V AT 5A/s LOAD STEP COUT = 3 * 22F 6.3V CERAMICS 470F 4V SANYO POSCAP C3 = 100pF
4600 G08
25s/DIV 3.3V AT 5A/s LOAD STEP COUT = 3 * 22F 6.3V CERAMICS 470F 4V SANYO POSCAP C3 = 100pF
4600 G09
4600fc
4
LTM4600 TYPICAL PERFORMANCE CHARACTERISTICS (See Figure 18 for all curves)
Start-Up, IOUT = 0A
VOUT (0.5V/DIV) IIN (0.5A/DIV)
Start-Up, IOUT = 10A (Resistive Load)
VOUT (0.5V/DIV) IIN (0.5A/DIV)
Short-Circuit Protection, IOUT = 0A
VOUT (0.5V/DIV) IIN (0.2A/DIV)
200s/DIV VIN = 12V VOUT = 1.5V COUT = 200F NO EXTERNAL SOFT-START CAPACITOR
4600 G10
200s/DIV VIN = 12V VOUT = 1.5V COUT = 200F NO EXTERNAL SOFT-START CAPACITOR
4600 G11
20s/DIV VIN = 12V VOUT = 1.5V COUT = 2x 200F/X5R NO EXTERNAL SOFT-START CAPACITOR
4600 G12
Short-Circuit Protection, IOUT = 10A
5.5 5.0 VOUT (0.5V/DIV) IIN (0.5A/DIV) 4.5 4.0 3.5 VOUT (V) 3.0 2.5 2.0 1.5 1.0 0.5 0
VIN to VOUT Step-Down Ratio
fADJ = OPEN 5V 0.00 -0.05 -0.10 LOAD REGULATION % 3.3V 2.5V 1.8V 1.5V 1.2V 0.6V 0 5 10 VIN (V) SEE FREQUENCY ADJUSTMENT DISCUSSION FOR 12VIN TO 5VOUT AND 5VIN TO 3.3VOUT CONVERSION
4600 G14
12V Input Load Regulation vs Temperature
-0.15 -0.20 -0.25 -0.30 100C -0.35 -0.40 -45C 25C
20s/DIV VIN = 12V VOUT = 1.5V COUT = 2x 200F/X5R NO EXTERNAL SOFT-START CAPACITOR
4600 G13
15
20
-0.45 0 5 LOAD CURRENT 10
4600 G15
4600fc
5
LTM4600 PIN FUNCTIONS
(See Package Description for Pin Assignment)
VIN (Bank 1): Power Input Pins. Apply input voltage between these pins and PGND pins. Recommend placing input decoupling capacitance directly between VIN pins and PGND pins. fADJ (Pin A15): A 110k resistor from VIN to this pin sets the one-shot timer current, thereby setting the switching frequency. The LTM4600 switching frequency is typically 850kHz. An external resistor to ground can be selected to reduce the one-shot timer current, thus lower the switching frequency to accommodate a higher duty cycle step down requirement. See the applications section. SVIN (Pin A17): Supply Pin for Internal PWM Controller. Leave this pin open or add additional decoupling capacitance. EXTVCC (Pin A19): External 5V supply pin for controller. If left open or grounded, the internal 5V linear regulator will power the controller and MOSFET drivers. For high input voltage applications, connecting this pin to an external 5V will reduce the power loss in the power module. The EXTVCC voltage should never be higher than VIN. VOSET (Pin A21): The Negative Input of The Error Amplifier. Internally, this pin is connected to VOUT with a 100k precision resistor. Different output voltages can be programmed with additional resistors between the VOSET and SGND pins. COMP (Pin B23): Current Control Threshold and Error Amplifier Compensation Point. The current comparator threshold increases with this control voltage. The voltage ranges from 0V to 2.4V with 0.8V corresponding to zero sense voltage (zero current).
SGND (Pin D23): Signal Ground Pin. All small-signal components should connect to this ground, which in turn connects to PGND at one point. RUN/SS (Pin F23): Run and Soft-Start Control. Forcing this pin below 0.8V will shut down the power supply. Inside the power module, there is a 1000pF capacitor which provides approximately 0.7ms soft-start time with 200F output capacitance. Additional soft-start time can be achieved by adding additional capacitance between the RUN/SS and SGND pins. The internal short-circuit latchoff can be disabled by adding a resistor between this pin and the VIN pin. This pullup resistor must supply a minimum 5A pull up current. FCB (Pin G23): Forced Continuous Input. Grounding this pin enables forced continuous mode operation regardless of load conditions. Tying this pin above 0.63V enables discontinuous conduction mode to achieve high efficiency operation at light loads. There is an internal 4.75K resistor between the FCB and SGND pins. PGOOD (Pin J23): Output Voltage Power Good Indicator. When the output voltage is within 10% of the nominal voltage, the PGOOD is open drain output. Otherwise, this pin is pulled to ground. PGND (Bank 2): Power ground pins for both input and output returns. VOUT (Bank 3): Power Output Pins. Apply output load between these pins and PGND pins. Recommend placing High Frequency output decoupling capacitance directly between these pins and PGND pins.
EXTVCC
81
TOP VIEW SVIN fADJ
VOSET
91
1 2
3 4
5 6
7 8
9 10
11 12
13 14
15 16
17 18
19 20
21 22
6
401
39
301
29
201
19
101
09
001
98
88
99
78
89
68
79
58
69
48
59
49
38
VOUT BANK 3
94
06
17
28
84
95
07
18
85
96
08
74
75
86
97
64
65
76
87
54
55
66
77
44
45
56
67
34
35
46
57
24
25
36
47
14
04
15
26
37
93
PGND BANK 2
23
4600 PN01
12
22
32
42
83
13
73
03
51
63
92
41
53
82
31
43
72
62
33
05
16
27
23
21
52
8
VIN BANK 1
02 11 01 9
71
61
7
6
5
4
3
2 1
A B C D E F G H J K
COMP SGND RUN/SS FCB PGOOD
L M N
P R T
4600fc
LTM4600 SIMPLIFIED BLOCK DIAGRAM
SVIN RUN/SS 1000pF PGOOD Q1 COMP FCB COUT 4.75k fADJ SGND EXTVCC VOSET R6 66.5k 100k 0.5% 10 Q2 PGND CONTROLLER 15F 6.3V INT COMP VOUT 1.5V/10A MAX 1.5F LTM4600 VIN 4.5V TO 20V CIN
4600 F01
Figure 1. Simplified LTM4600 Block Diagram
DECOUPLING REQUIREMENTS TA = 25C, VIN = 12V. Use Figure 1 configuration.
SYMBOL CIN COUT PARAMETER External Input Capacitor Requirement (VIN = 4.5V to 20V, VOUT = 1.5V) External Output Capacitor Requirement (VIN = 4.5V to 20V, VOUT = 1.5V) CONDITIONS IOUT = 10A IOUT = 10A, Refer to Table 2 in the Applications Information Section MIN 20 100 200 TYP MAX UNITS F F
4600fc
7
LTM4600 OPERATION
Module Description The LTM4600 is a standalone non-isolated synchronous switching DC/DC power supply. It can deliver up to 10A of DC output current with only bulk external input and output capacitors. This module provides a precisely regulated output voltage programmable via one external resistor from 0.6VDC to 5.0VDC, not to exceed 80% of the input voltage. The input voltage range is 4.5V to 20V. A simplified block diagram is shown in Figure 1 and the typical application schematic is shown in Figure 18. The LTM4600 contains an integrated LTC constant on-time current-mode regulator, ultra-low RDS(ON) FETs with fast switching speed and integrated Schottky diode. The typical switching frequency is 850kHz at full load. With current mode control and internal feedback loop compensation, the LTM4600 module has sufficient stability margins and good transient performance under a wide range of operating conditions and with a wide range of output capacitors, even all ceramic output capacitors (X5R or X7R). Current mode control provides cycle-by-cycle fast current limit. In addition, foldback current limiting is provided in an over-current condition while VOSET drops. Also, the LTM4600 has defeatable short circuit latch off. Internal overvoltage and undervoltage comparators pull the opendrain PGOOD output low if the output feedback voltage exits a 10% window around the regulation point. Furthermore, in an overvoltage condition, internal top FET Q1 is turned off and bottom FET Q2 is turned on and held on until the overvoltage condition clears. Pulling the RUN/SS pin low forces the controller into its shutdown state, turning off both Q1 and Q2. Releasing the pin allows an internal 1.2A current source to charge up the softstart capacitor. When this voltage reaches 1.5V, the controller turns on and begins switching. At low load current the module works in continuous current mode by default to achieve minimum output voltage ripple. It can be programmed to operate in discontinuous current mode for improved light load efficiency when the FCB pin is pulled up above 0.8V and no higher than 6V. The FCB pin has a 4.75k resistor to ground, so a resistor to VIN can set the voltage on the FCB pin. When EXTVCC pin is grounded or open, an integrated 5V linear regulator powers the controller and MOSFET gate drivers. If a minimum 4.7V external bias supply is applied on the EXTVCC pin, the internal regulator is turned off, and an internal switch connects EXTVCC to the gate driver voltage. This eliminates the linear regulator power loss with high input voltage, reducing the thermal stress on the controller. The maximum voltage on EXTVCC pin is 6V. The EXTVCC voltage should never be higher than the VIN voltage. Also EXTVCC must be sequenced after VIN.
4600fc
8
LTM4600 APPLICATIONS INFORMATION
The typical LTM4600 application circuit is shown in Figure 18. External component selection is primarily determined by the maximum load current and output voltage. Output Voltage Programming and Margining The PWM controller of the LTM4600 has an internal 0.6V1% reference voltage. As shown in the block diagram, a 100k/0.5% internal feedback resistor connects VOUT and VOSET pins. Adding a resistor RSET from VOSET pin to SGND pin programs the output voltage: VO = 0.6V * 100k + RSET RSET down when QDOWN is on and QUP is off. If the output voltage VO needs to be margined up/down by M%, the resistor values of RUP and RDOWN can be calculated from the following equations: (RSET RUP ) * VO * (1+ M%) (RSET RUP ) + 100k = 0.6V
RSET * VO * (1- M%) = 0.6V RSET + (100k RDOWN ) Input Capacitors The LTM4600 Module should be connected to a low ac-impedance DC source. High frequency, low ESR input capacitors are required to be placed adjacent to the module. In Figure 18, the bulk input capacitor CIN is selected for its ability to handle the large RMS current into the converter. For a buck converter, the switching duty-cycle can be estimated as: D= VO VIN
Table 1 shows the standard values of 1% RSET resistor for typical output voltages:
Table 1.
RSET (k) VO (V) Open 0.6 100 1.2 66.5 1.5 49.9 1.8 43.2 2 31.6 2.5 22.1 3.3 13.7 5
Voltage margining is the dynamic adjustment of the output voltage to its worst case operating range in production testing to stress the load circuitry, verify control/protection functionality of the board and improve the system reliability. Figure 2 shows how to implement margining function with the LTM4600. In addition to the feedback resistor RSET, several external components are added. Turn off both transistor QUP and QDOWN to disable the margining. When QUP is on and QDOWN is off, the output voltage is margined up. The output voltage is margined
LTM4600 VOUT RDOWN 100k QDOWN VOSET PGND SGND RSET 2N7002 RUP
Without considering the inductor current ripple, the RMS current of the input capacitor can be estimated as: ICIN(RMS) = IO(MAX) % * D * (1 D)
In the above equation, % is the estimated efficiency of the power module. C1 can be a switcher-rated electrolytic aluminum capacitor, OS-CON capacitor or high volume ceramic capacitors. Note the capacitor ripple current ratings are often based on only 2000 hours of life. This makes it advisable to properly derate the input capacitor, or choose a capacitor rated at a higher temperature than required. Always contact the capacitor manufacturer for derating requirements. In Figure 18, the input capacitors are used as high frequency input decoupling capacitors. In a typical 10A output application, 1-2 pieces of very low ESR X5R or X7R, 10F ceramic capacitors are recommended. This decoupling capacitor should be placed directly adjacent
4600fc
QUP 2N7002
4600 F02
Figure 2. LTM4600 Margining Implementation
9
LTM4600 APPLICATIONS INFORMATION
the module input pins in the PCB layout to minimize the trace inductance and high frequency AC noise. Output Capacitors The LTM4600 is designed for low output voltage ripple. The bulk output capacitors COUT is chosen with low enough effective series resistance (ESR) to meet the output voltage ripple and transient requirements. COUT can be low ESR tantalum capacitor, low ESR polymer capacitor or ceramic capacitor (X5R or X7R). The typical capacitance is 200F if all ceramic output capacitors are used. The internally optimized loop compensation provides sufficient stability margin for all ceramic capacitors applications. Additional output filtering may be required by the system designer, if further reduction of output ripple or dynamic transient spike is required. Refer to Table 2 for an output capacitance matrix for each output voltage Droop, peak to peak deviation and recovery time during a 5A/s transient with a specific output capacitance. Fault Conditions: Current Limit and Over current Foldback The LTM4600 has a current mode controller, which inherently limits the cycle-by-cycle inductor current not only in steady state operation, but also in transient. To further limit current in the event of an over load condition, the LTM4600 provides foldback current limiting. If the output voltage falls by more than 50%, then the maximum output current is progressively lowered to about one sixth of its full current limit value. Soft-Start and Latchoff with the RUN/SS pin The RUN/SS pin provides a means to shut down the LTM4600 as well as a timer for soft-start and over-current latchoff. Pulling the RUN/SS pin below 0.8V puts the LTM4600 into a low quiescent current shutdown (IQ 75A). Releasing the pin allows an internal 1.2A current source to charge up the timing capacitor CSS. Inside LTM4600, there is an internal 1000pF capacitor from RUN/ SS pin to ground. If RUN/SS pin has an external capacitor CSS_EXT to ground, the delay before starting is about: tDELAY = 1.5V * (CSS_EXT + 1000pF) 1.2A
When the voltage on RUN/SS pin reaches 1.5V, the LTM4600 internal switches are operating with a clamping of the maximum output inductor current limited by the RUN/SS pin total soft-start capacitance. As the RUN/SS pin voltage rises to 3V, the soft-start clamping of the inductor current is released. VIN to VOUT Step-Down Ratios There are restrictions in the maximum VIN to VOUT step down ratio that can be achieved for a given input voltage. These contraints are shown in the Typical Performance Characteristics curves labeled "VIN to VOUT Step-Down Ratio". Note that additional thermal derating may apply. See the Thermal Considerations and Output Current Derating sections of this data sheet. After the controller has been started and given adequate
4600fc
10
LTM4600 APPLICATIONS INFORMATION
Table 2. Output Voltage Response Versus Component Matrix (Refer to Figure 18)
TYPICAL MEASURED VALUES COUT1 VENDORS TDK TAIYO YUDEN TAIYO YUDEN VOUT (V) 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3.3 3.3 3.3 3.3 3.3 3.3 3.3 3.3 5 5 CIN (CERAMIC) 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V 2 x 10F 25V PART NUMBER C4532X5R0J107MZ (100F ,6.3V) JMK432BJ107MU-T ( 100F 6.3V) , JMK316BJ226ML-T501 ( 22F 6.3V) , COUT1 (CERAMIC) 3 x 22F 6.3V 1 x 100F 6.3V 2 x 100F 6.3V 4 x 100F 6.3V 3 x 22F 6.3V 1 x 100F 6.3V 2 x 100F 6.3V 4 x 100F 6.3V 3 x 22F 6.3V 1 x 100F 6.3V 2 x 100F 6.3V 4 x 100F 6.3V 3 x 22F 6.3V 1 x 100F 6.3V 2 x 100F 6.3V 4 x 100F 6.3V 3 x 22F 6.3V 1 x 100F 6.3V 2 x 100F 6.3V 4 x 100F 6.3V 3 x 22F 6.3V 1 x 100F 6.3V 2 x 100F 6.3V 4 x 100F 6.3V 1 x 100F 6.3V 2 x 100F 6.3V 3 x 22F 6.3V 4 x 100F 6.3V 1 x 100F 6.3V 3 x 22F 6.3V 2 x 100F 6.3V 4 x 100F 6.3V 2 x 100F 6.3V 1 x 100F 6.3V 3 x 22F 6.3V 4 x 100F 6.3V 1 x 100F 6.3V 3 x 22F 6.3V 2 x 100F 6.3V 4 x 100F 6.3V 4 x 100F 6.3V 4 x 100F 6.3V COUT2 (BULK) 470F 4V 470F 2.5V 330F 6.3V NONE 470F 4V 470F 2.5V 330F 6.3V NONE 470F 4V 470F 2.5V 330F 6.3V NONE 470F 4V 470F 2.5V 330F 6.3V NONE 470F 4V 470F 2.5V 330F 6.3V NONE 470F 4V 470F 2.5V 330F 6.3V NONE 470F 4V 330F 6.3V 470F 4V NONE 470F 4V 470F 4V 330F 6.3V NONE 330F 6.3V 470F 4V 470F 4V NONE 470F 4V 470F 4V 330F 6.3V NONE NONE NONE CCOMP NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE NONE COUT2 VENDORS SANYO POSCAP SANYO POSCAP SANYO POSCAP C3 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF 100pF VIN (V) 5 5 5 5 12 12 12 12 5 5 5 5 12 12 12 12 5 5 5 5 12 12 12 12 5 5 5 5 12 12 12 12 7 7 7 7 12 12 12 12 15 20 DROOP (mV) 35 35 40 49 35 35 40 49 36 37 44 61 36 37 44 54 40 44 46 62 40 44 44 62 48 56 57 60 48 51 56 70 64 66 82 100 52 64 64 76 188 159 PART NUMBER 6TPE330MIL (330F 6.3V) , 2R5TPE470M9 (470F 2.5V) , 4TPE470MCL (470F 4V) , PEAK TO PEAK (mV) 68 70 80 98 68 70 80 98 75 79 84 118 75 79 89 108 81 88 91 128 81 85 91 125 103 113 116 115 103 102 113 159 126 132 166 200 106 129 126 144 375 320 RECOVERY TIME (s) 25 20 20 20 25 20 20 20 25 20 20 20 25 20 20 20 30 20 20 20 30 20 20 20 30 30 30 25 30 30 30 25 30 30 35 25 30 35 30 25 25 25 LOAD STEP (A/s) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
CIN (BULK) 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V 150F 35V
4600fc
11
LTM4600 APPLICATIONS INFORMATION
time to charge up the output capacitor, CSS is used as a short-circuit timer. After the RUN/SS pin charges above 4V, if the output voltage falls below 75% of its regulated value, then a short-circuit fault is assumed. A 1.8A current then begins discharging CSS. If the fault condition persists until the RUN/SS pin drops to 3.5V, then the controller turns off both power MOSFETs, shutting down the converter permanently. The RUN/SS pin must be actively pulled down to ground in order to restart operation. The over-current protection timer requires the soft-start timing capacitor CSS be made large enough to guarantee that the output is in regulation by the time CSS has reached the 4V threshold. In general, this will depend upon the size of the output capacitance, output voltage and load current characteristic. A minimum external soft-start capacitor can be estimated from: CSS
EXT
VRUN/SS 4V 3.5V 3V 1.5V
SHORT-CIRCUIT LATCH ARMED t SOFT-START CLAMPING OF IL RELEASED VO 75%VO OUTPUT OVERLOAD HAPPENS SHORT-CIRCUIT LATCHOFF
SWITCHING STARTS
t
4600 F03
Figure 3. RUN/SS Pin Voltage During Startup and Short-Circuit Protection
VIN VIN LTM4600 RUN/SS PGND SGND
+ 1000pF > COUT * VOUT (10 -3[F / VS ])
RRUN/SS
Generally 0.1F is more than sufficient. Since the load current is already limited by the current mode control and current foldback circuitry during a shortcircuit, over-current latchoff operation is NOT always needed or desired, especially if the output has a large amount of capacitance or the load draws huge currents during start up. The latchoff feature can be overridden by a pull-up current greater than 5A but less than 80A to the RUN/SS pin. The additional currents prevents the discharge of CSS during a fault and also shortens the softstart period. Using a resistor from RUN/SS pin to VIN is a simple solution to defeat latchoff. Any pull-up network must be able to maintain RUN/SS above 4V maximum latchoff threshold and overcome the 4A maximum discharge current. Figure 3 shows a conceptual drawing of VRUN during startup and short circuit.
4600 F04
RECOMMENDED VALUES FOR RRUN/SS VIN 4.5V TO 5.5V 10.8V TO 13.8V 16V TO 20V RRUN/SS 50k 150k 330k
Figure 4. Defeat Short-Circuit Latchoff with a Pull-Up Resistor to VIN
Enable The RUN/SS pin can be driven from logic as shown in Figure 5. This function allows the LTM4600 to be turned on or off remotely. The ON signal can also control the sequence of the output voltage.
RUN/SS ON LTM4600 PGND SGND 2N7002
4600 F05
Figure 5. Enable Circuit with External Logic
4600fc
12
LTM4600 APPLICATIONS INFORMATION
Output Voltage Tracking For the applications that require output voltage tracking, several LTM4600 modules can be programmed by the power supply tracking controller such as the LTC2923. Figure 6 shows a typical schematic with LTC2923. Coincident, ratiometric and offset tracking for VO rising and falling can be implemented with different sets of resistor values. See the LTC2923 data sheet for more details.
VIN 5V Q1 DC/DC 3.3V
1. EXTVCC grounded. Internal 5V LDO is always powered from the internal 5V regulator. 2. EXTVCC connected to an external supply. Internal LDO is shut off. A high efficiency supply compatible with the MOSFET gate drive requirements (typically 5V) can improve overall efficiency. With this connection, it is always required that the EXTVCC voltage can not be higher than VIN pin voltage. Discontinuous Operation and FCB Pin
VIN VIN RONB RONA VCC ON LTC2923 RAMPBUF RTB1 TRACK1 RTA1 RTB2 TRACK2 RTA2 GND FB2 SDO STATUS GATE RAMP FB1 LTM4600 VOSET VOUT 49.9k 1.8V
The FCB pin determines whether the internal bottom MOSFET remains on when the inductor current reverses. There is an internal 4.75k pull-down resistor connecting this pin to ground. The default light load operation mode is forced continuous (PWM) current mode. This mode provides minimum output voltage ripple. In the application where the light load efficiency is important, tying the FCB pin above 0.6V threshold enables discontinuous operation where the bottom MOSFET turns off when inductor current reverses. Therefore, the conduction loss is minimized and light load efficiency is improved. The penalty is that the controller may skip cycle and the output voltage ripple increases at light load. Paralleling Operation with Load Sharing Two or more LTM4600 modules can be paralleled to provide higher than 10A output current. Figure 7 shows the necessary interconnection between two paralleled modules. The OPTI-LOOP(R) current mode control ensures good current sharing among modules to balance the thermal stress. The new feedback equation for two or more LTM4600s in parallel is: 100k + RSET N VOUT = 0.6V * RSET where N is the number of LTM4600s in parallel.
OPTI-LOOP is a registered trademark of Linear Technology Corporation.
VIN VIN LTM4600 VOSET VOUT 66.5k
4600 F06
1.5V
Figure 6. Output Voltage Tracking with the LTC2923 Controller
EXTVCC Connection An internal low dropout regulator produces an internal 5V supply that powers the control circuitry and FET drivers. Therefore, if the system does not have a 5V power rail, the LTM4600 can be directly powered by VIN. The gate driver current through LDO is about 18mA. The internal LDO power dissipation can be calculated as: PLDO_LOSS = 18mA * (VIN - 5V) The LTM4600 also provides an external gate driver voltage pin EXTVCC. If there is a 5V rail in the system, it is recommended to connect EXTVCC pin to the external 5V rail. Whenever the EXTVCC pin is above 4.7V, the internal 5V LDO is shut off and an internal 50mA P-channel switch connects the EXTVCC to internal 5V. Internal 5V is supplied from EXTVCC until this pin drops below 4.5V. Do not apply more than 6V to the EXTVCC pin and ensure that EXTVCC < VIN. The following list summaries the possible connections for EXTVCC:
4600fc
13
LTM4600 APPLICATIONS INFORMATION
VIN VIN LTM4600 PGND COMP VOSET SGND RSET VOUT VOUT (20AMAX)
COMP VOSET SGND VIN PGND
4600 F07
LTM4600
VOUT
Figure 7. Parallel Two Modules with Load Sharing
Thermal Considerations and Output Current Derating The power loss curves in Figures 8 and 13 can be used in coordination with the load current derating curves in Figures 9 to 12, and Figures 14 to 15 for calculating an approximate JA for the module with various heatsinking methods. Thermal models are derived from several
Table 3. 1.5V Output
DERATING CURVE Figures 9, 11 Figures 9, 11 Figures 9, 11 Figures 10, 12 Figures 10, 12 Figures 10, 12 VIN (V) 5, 12 5, 12 5, 12 5, 12 5, 12 5, 12 POWER LOSS CURVE Figure 8 Figure 8 Figure 8 Figure 8 Figure 8 Figure 8
temperature measurements at the bench, and thermal modeling analysis. Application Note 103 provides a detailed explanation of the analysis for the thermal models, and the derating curves. Tables 3 and 4 provide a summary of the equivalent JA for the noted conditions. These equivalent JA parameters are correlated to the measured values, and improve with air-flow. The case temperature is maintained at 100C or below for the derating curves. This allows for 4W maximum power dissipation in the total module with top and bottom heatsinking, and 2W power dissipation through the top of the module with an approximate JC between 6C/W to 9C/W. This equates to a total of 124C at the junction of the device. Safety Considerations The LTM4600 modules do not provide isolation from VIN to VOUT. There is no internal fuse. If required, a slow blow fuse with a rating twice the maximum input current should be provided to protect each unit from catastrophic failure.
AIR FLOW (LFM) 0 200 400 0 200 400
HEATSINK None None None BGA Heatsink BGA Heatsink BGA Heatsink
JA (C/W) 15.2 14 12 13.9 11.3 10.25
Table 4. 3.3V Output
DERATING CURVE Figure 14 Figure 14 Figure 14 Figure 15 Figure 15 Figure 15 VIN (V) 12 12 12 12 12 12 POWER LOSS CURVE Figure 13 Figure 13 Figure 13 Figure 13 Figure 13 Figure 13 AIR FLOW (LFM) 0 200 400 0 200 400 HEATSINK None None None BGA Heatsink BGA Heatsink BGA Heatsink JA (C/W) 15.2 14.6 13.4 13.9 11.1 10.5
4600fc
14
LTM4600 APPLICATIONS INFORMATION
4.5 4.0 MAXIMUM LOAD CURRENT (A) 9 8 7 6 5 4 0 LFM 200 LFM 400 LFM 50 60 80 70 AMBIENT TEMPERATURE (C) 90
4600 F09
VOUT = 1.5V
10
VIN = 5V VO = 1.5V MAXIMUM LOAD CURRENT (A)
10 VIN = 5V VO = 1.5V 9
3.5 POWER LOSS (W) 3.0 2.5 2.0 1.5 1.0 0.5 0 0 2 4 6 8 OUTPUT CURRENT (A) 10
4600 F08
8
12V LOSS
7
5V LOSS
6
5
0LFM 200LFM 400LFM 50 60 80 90 70 AMBIENT TEMPERATURE (C) 100
4600 G10
Figure 8. Power Loss vs Load Current
Figure 9. No Heatsink
Figure 10. BGA Heatsink
10 MAXIMUM LOAD CURRENT (A) 9 8 7 6 5 4 0 LFM 200 LFM 400 LFM 50 55
VIN = 12V VO = 1.5V MAXIMUM LOAD CURRENT (A)
10 VIN = 12V VO = 1.5V 9 POWER LOSS (W) 0LFM 200LFM 400LFM 50 60 80 90 70 AMBIENT TEMPERATURE (C) 100
4600 G12
5.0
VIN = 12V 4.5 VOUT = 3.3V 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 2 4 6 8 OUTPUT CURRENT (A) 10
4600 F13
8
7
6
5 90
60 65 70 75 80 85 AMBIENT TEMPERATURE (C)
4600 F11
Figure 11. No Heatsink
Figure 12. BGA Heatsink
Figure 13. Power Loss vs Load Current
10 9 MAXIMUM LOAD CURRENT (A) 8 7 6 5 4 3 2 1 0 40 0 LFM 200 LFM 400 LFM
VIN = 12V VO = 3.3V MAXIMUM LOAD CURRENT (A)
10 VIN = 12V VO = 3.3V 9
8
7
6
0LFM 200LFM 400LFM 40 60 80 AMBIENT TEMPERATURE (C) 100
4600 G15
5 90
4600 F14
50 60 80 70 AMBIENT TEMPERATURE (C)
Figure 14. No Heatsink
Figure 15. BGA Heatsink
4600fc
15
LTM4600 APPLICATIONS INFORMATION
Layout Checklist/Example The high integration of the LTM4600 makes the PCB board layout very simple and easy. However, to optimize its electrical and thermal performance, some layout considerations are still necessary. * Use large PCB copper areas for high current path, including VIN, PGND and VOUT. It helps to minimize the PCB conduction loss and thermal stress * Place high frequency ceramic input and output capacitors next to the VIN, PGND and VOUT pins to minimize high frequency noise * Place a dedicated power ground layer underneath the unit * To minimize the via conduction loss and reduce module thermal stress, use multiple vias for interconnection between top layer and other power layers * Do not put a via directly on pad unless it is capped * Use a separated SGND ground copper area for components connected to signal pins. Connect the SGND to PGND underneath the unit Figure 16 gives a good example of the recommended layout. LTM4600 Frequency Adjustment The LTM4600 is designed to typically operate at 850kHz across most input and output conditions. The control architecture is constant on time valley mode current control. The fADJ pin is typically left open or decoupled with an optional 1000pF capacitor. The switching frequency has been optimized to maintain constant output ripple over the operating conditions. The equations for setting the operating frequency are set around a programmable constant on time. This on time is developed by a programmable current into an on board 10pF capacitor that establishes a ramp that is compared to a voltage threshold equal to the output voltage up to a 2.4V clamp. This ION current is equal to: ION = (VIN - 0.7V)/110k, with the 110k onboard resistor from VIN to fADJ. The on time is equal to tON = (VOUT/ION) * 10pF and tOFF = ts - tON. The frequency is equal to: Freq. = DC/tON. The ION current is proportional to VIN, and the regulator duty cycle is inversely proportional to VIN, therefore the step-down regulator will remain relatively constant frequency as the duty cycle adjustment takes place with lowering VIN. The on time is proportional to VOUT up to a 2.4V clamp. This will hold frequency relatively constant with different output voltages up to 2.4V. The regulator switching period is comprised of the on time and off time as depicted in Figure 17.
VIN
CIN
PGND
VOUT
4600 F16
LOAD TOP LAYER
Figure 16. Recommended PCB Layout
4600fc
16
LTM4600 APPLICATIONS INFORMATION
t (DC) DUTY CYCLE = ON ts
tON = 0.41 * 1s 410ns
V t DC = ON = OUT ts VIN DC FREQ = tON
4600 F21
tOFF = 1s - 410ns 590ns tON and tOFF are above the minimums with adequate guard band. Using the frequency = (ION/[2.4V * 10pF]) * DC, solve for ION = (1MHz * 2.4V * 10pF) * (1/0.41) 58A. ION current calculated from 12V input was 103A, so a resistor from fADJ to ground = (0.7V/15k) = 46A. 103A - 46A = 57A, sets the adequate ION current for proper frequency range for the higher duty cycle conversion of 12V to 5V. Input voltage range is limited to 9V to 16V. Higher input voltages can be used without the 15k on fADJ. The inductor ripple current gets too high above 16V, and the 400ns minimum off-time is limited below 9V. Equations for setting frequency for 5V to 3.3V: ION = (VIN - 0.7V)/110k; ION = 39A frequency = (ION/[2.4V * 10pF]) * DC = 1.07MHz; DC = duty cycle, duty cycle is (VOUT/VIN) tS = tON + tOFF, tON = DC * tS, tOFF = off-time of the switching period; tS = 1/frequency tOFF must be greater than 400ns, or tS - tON > 400ns. The ~450kHz frequency or 2.22s period is chosen for 5V to 3.3V. Frequency range is about 450kHz to 650kHz from 4.5V to 7V input. tON = 0.66 * 2.22s 1.46s tOFF = 2.22s - 1.46s 760ns tON and tOFF are above the minimums with adequate guard band. Using the frequency = (ION/[2.4V * 10pF]) * DC, solve for ION = (450kHz * 2.4V * 10pF) * (1/0.66) 16A. ION current calculated from 5V input was 39A, so a resistor from fADJ to ground = (0.7V/30.1k) = 23A. 39A - 23A = 16A, sets the adequate ION current for proper frequency range for the higher duty cycle conversion of 5V to 3.3V. Input voltage range is limited to 4.5V to 7V. Higher input voltages can be used without the 30.1k on fADJ. The inductor ripple current gets too high above 7V, and the 400ns minimum off-time is limited below 4.5V.
4600fc
tOFF
tON
PERIOD ts
Figure 17. LTM4600 Switching Period
The LTM4600 has a minimum (tON) on time of 100 nanoseconds and a minimum (tOFF) off time of 400 nanoseconds. The 2.4V clamp on the ramp threshold as a function of VOUT will cause the switching frequency to increase by the ratio of VOUT/2.4V for 3.3V and 5V outputs. This is due to the fact the on time will not increase as VOUT increases past 2.4V. Therefore, if the nominal switching frequency is 850kHz, then the switching frequency will increase to ~1.2MHz for 3.3V, and ~1.7MHz for 5V outputs due to Frequency = (DC/tON) When the switching frequency increases to 1.2MHz, then the time period tS is reduced to ~833 nanoseconds and at 1.7MHz the switching period reduces to ~588 nanoseconds. When higher duty cycle conversions like 5V to 3.3V and 12V to 5V need to be accommodated, then the switching frequency can be lowered to alleviate the violation of the 400ns minimum off time. Since the total switching period is tS = tON + tOFF , tOFF will be below the 400ns minimum off time. A resistor from the fADJ pin to ground can shunt current away from the on time generator, thus allowing for a longer on time and a lower switching frequency. 12V to 5V and 5V to 3.3V derivations are explained in the data sheet to lower switching frequency and accommodate these step-down conversions. Equations for setting frequency for 12V to 5V: ION = (VIN - 0.7V)/110k; ION = 103A frequency = (ION/[2.4V * 10pF]) * DC = 1.79MHz; DC = duty cycle, duty cycle is (VOUT/VIN) tS = tON + tOFF, tON = on-time, tOFF = off-time of the switching period; tS = 1/frequency tOFF must be greater than 400ns, or tS - tON > 400ns. tON = DC * tS 1MHz frequency or 1s period is chosen for 12V to 5V.
17
LTM4600 APPLICATIONS INFORMATION
5V to 3.3V at 8A
4.5V TO 7V C3 10F 25V C1 10F 25V EXTVCC FCB LTM4600 RUN/SOFT-START RUN/SS COMP SGND SVIN PGOOD PGND
4600 F18
R1 30.1k C5 100pF 3.3V AT 8A VOUT VOSET R2 22.1k 1% OPEN DRAIN C2 22F EFFICIENCY = 93%
VIN
fADJ
+
C4 330F 6.3V
5V TO 3.3V AT 8A WITH fADJ = 30.1k
C1, C3: TDK C3216X5R1E106MT C2: TAIYO YUDEN, JMK316BJ226ML C4: SANYO POS CAP 6TPE330MIL ,
12V to 5V at 8A
R1 15k C5 100pF 5V AT 8A VOUT VOSET LTM4600 RUN/SOFT-START RUN/SS COMP SGND SVIN PGOOD PGND
4600 F19
9V TO 16V C3 10F 25V C1 10F 25V EXTVCC FCB
VIN
fADJ
EFFICIENCY = 94% C2 22F
+
R2 13.7k 1% OPEN DRAIN
C4 330F 6.3V
12V TO 5V AT 8A WITH fADJ = 15k
C1, C3: TDK C3216X5R1E106MT C2: TAIYO YUDEN, JMK316BJ226ML C4: SANYO POSCAP 6TPE330MIL ,
VIN to VOUT Step-Down Ratio for 12VIN to 5VOUT and 5VIN to 3.3VOUT
5.0 3.3V: fADJ = 30.1k 4.5 5V: fADJ = 15k 4.0 3.5 VOUT (V) 3.0 2.5 2.0 1.5 1.0 0.5 0 1 3 5 7 9 11 VIN (V) 3.3V AT 8A 5V AT 8A 13 15 17
4600 F20
4600fc
18
LTM4600 TYPICAL APPLICATION
VIN 5V TO 20V GND
+
CIN (BULK) 150F
CIN (CER) 10F 2x EXTVCC
VIN (MULTIPLE PINS) VOUT (MULTIPLE PINS) VOUT COUT1 + 22F 6.3V x3 REFER TO TABLE 2 COUT2 470F REFER TO TABLE 2
C3 100pF VOUT
SVIN fADJ VOSET COMP FCB PGOOD SGND C4 OPT
LTM4600
RUN/SS PGND (MULTIPLE PINS)
0.6V TO 5V REFER TO STEP-DOWN RATIO GRAPH
R1 66.5k REFER TO TABLE 1
4600 F17
GND
Figure 18. Typical Application, 5V to 20V Input, 0.6V to 5V Output, 10A Max
4600fc
19
LTM4600 TYPICAL APPLICATION
Parallel Operation and Load Sharing
4.5V TO 20V C8 10F 25V C7 10F 25V EXTVCC FCB LTM4600 RUN COMP SGND RUN/SOFT-START SVIN PGOOD PGND 2.5V AT 20A VOUT = 0.6V * ([100k/N] + RSET)/RSET WHERE N = 2 VIN fADJ VOUT VOSET R4 15.8k 1% 2.5V C9 22F x3
+
C10 470F 4V
C3 10F 25V
C1 10F 25V EXTVCC FCB
VIN
fADJ VOUT VOSET
C4 220pF 2.5V C2 22F x3 R1 100k
+
LTM4600 RUN COMP SGND SVIN PGOOD PGND
4600 TA02
C5 470F 4V
C1, C3, C7, C8: TDK C3216X5R1E106MT C2, C9: TAIYO YUDEN, JMK316BJ226ML-T501 C5, C10: SANYO POSCAP 4TPE470MCL ,
Current Sharing Between Two LTM4600 Modules
12 12VIN 2.5VOUT 10 20AMAX INDIVIDUAL SHARE 8 6 4 2 0 0 5 10 TOTAL LOAD 15 20
4600 TA03
IOUT2 IOUT1
4600fc
20
LGA Package 104-Lead (15mm x 15mm)
(Reference LTM DWG # 05-05-1800)
1.9042 0.0000 4.4442 6.9865
19 20 10 11 21 14 22 23 29 24 36 37 45 46 57 58 69 70 71 59 68 60 48 56 67 47 49 38 44 55 66 30 31 15
6.9421
5.7158
4.4458
3.1758
1.9058
0.6358
0.6342
3.1742
6.9888
6 16 7 17 18
2
3
4
5
6.5475
1
5.7650 2.72 - 2.92 Y aaa Z 15 BSC X
9
5.2775
8
4.4950
13
4.0075
12
2.7375 4 PAD 1 CORNER
25
2.3600
26
27
28
1.4675
32
1.0900
33
34
35
0.0000
0.3175 0.3175
39
40
41
42
43
PACKAGE DESCRIPTION
1.2700
50
51
52
53
54
5.7142
15 BSC
2.5400
61
62
63
64
65
4.4450
88 89 92 93 90 91
72 77 78 81 79 80 82
73
74
75
76
MOLD CAP SUBSTRATE
5.7150 0.27 - 0.37
99 104 100 101 102 103
83
84
85
86
87
6.9850 2.45 - 2.55 DETAIL B 0.3175 0.3175 1.2700 3.8100 6.3500 bbb Z Z
94
95
96
97
98
3.8100
6.3500
5.0800
2.5400
1.2700
2.5400
0.0000
5.0800
aaa Z
SUGGESTED SOLDER PAD LAYOUT TOP VIEW
12.70 BSC
99 104 93 82 88 92 81 77 78 79 80 89 90 91 100 101 102 103
TOP VIEW
DETAIL B
0.11 - 0.27
94
95
96
97
98
PADS SEE NOTES T 3 R P
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994 2. ALL DIMENSIONS ARE IN MILLIMETERS 3 4 LAND DESIGNATION PER JESD MO-222, SPP-010
83
84
85
86
87
72
73
74
75
76
61 55 59 48 49 56 57 58 60
62
63 71
64
65
66
67
68
69
70
N M L K H G F E
21
50 44 36 24 37 38 45 46 47
51
52
53
54
DETAILS OF PAD #1 IDENTIFIER ARE OPTIONAL, BUT MUST BE LOCATED WITHIN THE ZONE INDICATED. THE PAD #1 IDENTIFIER IS A MARKED FEATURE OR A NOTCHED BEVELED PAD
13.97 BSC
39
40
41
42
43
5. PRIMARY DATUM -Z- IS SEATING PLANE 6. THE TOTAL NUMBER OF PADS: 104
33
34
35
32 29 23 22 14 15 30 31
J
26
27
28
25
12
13
8 10 20 6 7 16 17 18 19 11
D C B A eee M X Y
SYMBOL TOLERANCE aaa 0.15 bbb 0.10 eee 0.15
9
1
2
3
4
5
C(0.30) PAD 1 13 12 13.93 BSC 14 16 18 20 15 17 19 21 22
1
3
5
7
9
11
23
2
4
6
8
10
LGA104 0206
LTM4600
21
4600fc
BOTTOM VIEW
LTM4600 PACKAGE DESCRIPTION
Pin Assignment Tables (Arranged by Pin Number)
PIN NAME A1 A2 A3 VIN A4 A5 VIN A6 A7 VIN A8 A9 VIN A10 A11 VIN A12 A13 VIN A14 A15 fADJ A16 A17 SVIN A18 A19 EXTVCC A20 A21 VOSET A22 A23 PIN NAME J1 PGND J2 J3 J4 J5 J6 J7 J8 J9 J10 J11 J12 J13 J14 J15 J16 J17 J18 J19 J20 J21 J22 J23 PGOOD PIN NAME B1 VIN B2 B3 B4 B5 B6 B7 B8 B9 B10 B11 B12 B13 B14 B15 B16 B17 B18 B19 B20 B21 B22 B23 COMP PIN NAME K1 K2 K3 K4 K5 K6 K7 PGND K8 K9 PGND K10 K11 PGND K12 K13 PGND K14 K15 PGND K16 K17 PGND K18 K19 K20 K21 K22 K23 PIN NAME C1 C2 C3 C4 C5 C6 C7 C8 C9 C10 VIN C11 C12 VIN C13 C14 VIN C15 C16 C17 C18 C19 C20 C21 C22 C23 PIN NAME L1 L2 PGND L3 L4 PGND L5 L6 PGND L7 L8 PGND L9 L10 PGND L11 L12 PGND L13 L14 PGND L15 L16 PGND L17 L18 PGND L19 L20 PGND L21 L22 PGND L23 PIN NAME D1 VIN D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15 D16 D17 D18 D19 D20 D21 D22 D23 SGND PIN NAME M1 M2 PGND M3 M4 PGND M5 M6 PGND M7 M8 PGND M9 M10 PGND M11 M12 PGND M13 M14 PGND M15 M16 PGND M17 M18 PGND M19 M20 PGND M21 M22 PGND M23 PIN NAME E1 E2 E3 E4 E5 E6 E7 E8 E9 E10 VIN E11 E12 VIN E13 E14 VIN E15 E16 E17 E18 E19 E20 E21 E22 E23 PIN NAME N1 N2 PGND N3 N4 PGND N5 N6 PGND N7 N8 PGND N9 N10 PGND N11 N12 PGND N13 N14 PGND N15 N16 PGND N17 N18 PGND N19 N20 PGND N21 N22 PGND N23 PIN NAME F1 VIN F2 F3 F4 F5 F6 F7 F8 F9 F10 F11 F12 F13 F14 F15 F16 F17 F18 F19 F20 F21 F22 F23 RUN/SS PIN NAME P1 P2 VOUT P3 P4 VOUT P5 P6 VOUT P7 P8 VOUT P9 P10 VOUT P11 P12 VOUT P13 P14 VOUT P15 P16 VOUT P17 P18 VOUT P19 P20 VOUT P21 P22 VOUT P23 PIN NAME G1 PGND G2 G3 G4 G5 G6 G7 G8 G9 G10 G11 G12 G13 G14 G15 G16 G17 G18 G19 G20 G21 G22 G23 FCB PIN NAME R1 R2 VOUT R3 R4 VOUT R5 R6 VOUT R7 R8 VOUT R9 R10 VOUT R11 R12 VOUT R13 R14 VOUT R15 R16 VOUT R17 R18 VOUT R19 R20 VOUT R21 R22 VOUT R23 PIN NAME H1 H2 H3 H4 H5 H6 H7 PGND H8 H9 PGND H10 H11 PGND H12 H13 PGND H14 H15 PGND H16 H17 PGND H18 H19 H20 H21 H22 H23 PIN NAME T1 T2 VOUT T3 T4 VOUT T5 T6 VOUT T7 T8 VOUT T9 T10 VOUT T11 T12 VOUT T13 T14 VOUT T15 T16 VOUT T17 T18 VOUT T19 T20 VOUT T21 T22 VOUT T23 4600fc
22
LTM4600 PACKAGE DESCRIPTION
Pin Assignment Tables (Arranged by Pin Number)
PIN NAME G1 H7 H9 H11 H13 H15 H17 J1 K7 K9 K11 K13 K15 K17 L2 L4 L6 L8 L10 L12 L14 L16 L18 L20 L22 M2 M4 M6 M8 M10 M12 M14 M16 M18 M20 M22 N2 N4 N6 N8 N10 N12 N14 N16 N18 N20 N22 PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND PGND P2 P4 P6 P8 P10 P12 P14 P16 P18 P20 P22 R2 R4 R6 R8 R10 R12 R14 R16 R18 R20 R22 T2 T4 T6 T8 T10 T12 T14 T16 T18 T20 T22 PIN NAME VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT A3 A5 A7 A9 A11 A13 B1 C10 C12 C14 D1 E10 E12 E14 F1 PIN NAME VIN VIN VIN VIN VIN VIN VIN VIN VIN VIN VIN VIN VIN VIN VIN A15 A17 A19 A21 B23 D23 F23 G23 J23 PIN NAME fADJ SVIN EXTVCC VOSET COMP SGND RUN/SS FCB PGOOD
4600fc
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
23
LTM4600 TYPICAL APPLICATION
1.8V, 10A Regulator
4.5V AT 20V C2 10F 25V C1 10F 25V EXTVCC FCB LTM4600 RUN COMP SGND SVIN PGOOD PGND
4600 TA04
VIN
fADJ VOUT VOSET
C5 100pF 1.8V AT 10A C3 22F x3
+
R1 100k
C4 470F 4V
PGOOD R2 49.9k 1% C1, C2: TDK C3216X5R1E106MT C3: TAIYO YUDEN, JMK316BJ226ML-T501 C4: SANYO POSCAP 4TPE470MCL ,
RELATED PARTS
PART NUMBER LTC2900 LTC2923 LT3825/LT3837 LTM4601 LTM4602 LTM4603 DESCRIPTION Quad Supply Monitor with Adjustable Reset Timer Power Supply Tracking Controller Synchronous Isolated Flyback Controllers 12A DC/DC Module with PLL, Output Tracking/ Margining and Remote Sensing 6A DC/DC Module COMMENTS Monitors Four Supplies; Adjustable Reset Timer Tracks Both Up and Down; Power Supply Sequencing No Optocoupler Required; 3.3V, 12A Output; Simple Design Synchronizable, PolyPhase Operation, LTM4601-1 Version has no Remote Sensing Pin Compatible with the LTM4600
6A DC/DC Module with PLL and Outpupt Tracking/ Synchronizable, PolyPhase Operation, LTM4603-1 Version has no Remote Margining and Remote Sensing Sensing, Pin Compatible with the LTM4601
This product contains technology licensed from Silicon Semiconductor Corporation.
(R)
4600fc
24 Linear Technology Corporation
(408) 432-1900 FAX: (408) 434-0507
LT 0807 REV C * PRINTED IN USA
1630 McCarthy Blvd., Milpitas, CA 95035-7417
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2006


▲Up To Search▲   

 
Price & Availability of JMK316BJ226ML-T501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X